| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0272 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0272 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 40 page ![]() UM0272 Menus 25/40 Figure 19. Zone setting menus Description The Zone description is 16 characters long and is displayed on the System Status (Section 5.4: System status) and Log Event (see Section 5.5: Log event) menus. This displays a more significant name rather than a number. To change the description, press ENT, enter the new text and press ENT again to store the new description. Status The Status sub-menu adds or removes the selected zone from the control flow. Once disabled, the zone is no longer under control, even if included in an enabled partition. This option is used for disabling the zone if it is not used, if a sensor connected on it is broken (waiting for a replacement) or to temporarily disable the zone without losing any settings. Press ENT to switch between the two possible values (enabled/disabled). Input time The input time is delay between the detection of an alarm condition and the triggering of the associated outputs. Normally this time is assigned to zones that protect the area (and the |