công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2269 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN2269
Giải thích chi tiết về linh kiện  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 8Page - STMicroelectronics AN2269 Datasheet HTML 9Page - STMicroelectronics AN2269 Datasheet HTML 10Page - STMicroelectronics AN2269 Datasheet HTML 11Page - STMicroelectronics AN2269 Datasheet HTML 12Page - STMicroelectronics AN2269 Datasheet HTML 13Page - STMicroelectronics AN2269 Datasheet HTML 14Page - STMicroelectronics AN2269 Datasheet HTML 15Page - STMicroelectronics AN2269 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Emergency Deactivation/Fault Detection
AN2269 - Application Note
12/25
3.3
Fault On Card Removal
If the smart card is pulled out from its socket (PRES goes high or PRES goes low), the
deactivation sequence starts. The OFF pin goes low and the device switches off (see
Figure 9). In order to avoid bouncing on the PRES (or PRES) signal at card insertion or
extraction, as the card is inserted again, OFF goes high just after a period tdebounce (≈ 8ms).
If CMDVcc goes low before this time, after card insertion, the device does not turn itself on
and CMDVcc must wait for tdebounce before going low enough to switch the device on.
Figure 10 on page 12 shows the start of the activation sequence after tdebounce is elapsed.
Figure 9.
Card Extraction
Figure 10.
ST8024 Activation Sequence (after tdebounce)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25