| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1690 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1690 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 15 page ![]() Conclusion AN1690 14/15 Figure 12 and Figure 13 show how the choice of termination could influence the signal quality at the end of the transmission line. In particular, the AC termination seems to be worse than the DC one, when the cable length increases (the output presents jitter and inter-symbolic interferences). 9 Conclusion External fail-safe bias resistors can be used to solve the idle line state problem that commonly occurs in multipoint applications using asynchronous protocols. This hardware approach is well accepted. In fact many complete interface standards such as SCSI-1 and 2 (Small Computer System Interface) and IPI (Intelligent peripheral Interface) have adopted this method. This application note provides guidance to select proper fail-safe schematic and external component values that will provide an adequate bias, while minimizing the loading effect on the line driver. 10 Revision history Table 2. Document revision history Date Revision Changes 21-Jun-2004 1 First release 02-Oct-2007 2 – No content changes, document reformatted. – ST485 replaced by ST485EB |