| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17073 bảng dữ liệu(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17073 bảng dữ liệu(HTML) 21 Page - NEC |
|
21 / 226 page ![]() 21 µPD17072,17073 2.2 Program Memory Figure 2-2 shows the configuration of the program memory. As shown in this figure, the program memory is configured as follows: µPD17072: 3072 × 16 bits (0000H-0BFFH) µPD17073: 4096 × 16 bits (0000H-0FFFH) Therefore, the addresses of the program memory range from 0000H to 0FFFH. All the “instructions” are “one-word instructions” each of which is 16 bits long. Consequently, one instruction can be stored in one address of the program memory. As constant data, the contents of the program memory are read to the data buffer by using a table reference instruction. Figure 2-2. Configuration of Program Memory Caution With the µPD17072, the range of addresses that can be called by each instruction is 0000H to 0BFFH. The area from addresses 0C00H through 0FFFH is an undefined area. 2.3 Program Counter Figure 2-3 shows the configuration of the program counter. The program counter specifies an address of the program memory. As shown in this figure, the program counter is a 12-bit binary counter. The most significant bit b11 indicates a page. Figure 2-3. Configuration of Program Counter PC11 PC10 PC9 PC8 PC7 PC6 Page PC PC5 PC4 PC3 PC2 PC1 PC0 Reset start address Serial interface interrupt vector Basic timer 1 interrupt vector INT pin interrupt vector (with PD17072) (with PD17073) 16 bits Page 0 CALL addr instruction subroutine entry address Page 1 BR addr instruction branch address BR @AR instruction branch address CALL @AR instruction subroutine entry address MOVT DBF @AR instruction table reference address H H H H H H H 0 1 2 3 F F F 0 0 0 0 F F F 0 0 0 0 7 B F 0 0 0 0 0 0 0 µ µ |