| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TN0108 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0108 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 26 page ![]() TN0108 Peripherals Doc ID 15874 Rev 2 11/26 5 Peripherals 5.1 Peripheral clock prescalers On Cut 1.1 devices, the system clock divider enable bits DE0, DE1, and DE2 within the system clock divider configuration registers are cleared out of reset. This means that any attempt to access an off-platform peripheral without enabling the relevant clock divider will result in a system crash. On Cut 2 devices, the system clock divider enable bits are set out of reset to enable all the peripheral clock prescalers. Table 8. System clock dividers Silicon revision DE0, DE1, DE2 in GCM_SC_DC[0..2] Implications SPC560B Cut 1.1 Cleared out of reset System clock to peripherals is disabled out of reset SPC560B Cut 2 Set out of reset System clock to peripherals is enabled out of reset |