| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPM32 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM32 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 2 page ![]() © STMicroelectronics - May 2014 - Printed in United Kingdom - All rights reserved The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies All other names are the property of their respective owners For more information on ST products and solutions, visit www.st.com/stpm3metering Order code: FLSTPM3X0514 HIGHLY INTEGRATED METERING ICS Enable confident and consistent measuring in the low-energy age Astoday’shomeelectronicsandappliancesofferever-lowerstandbypower,ST’sSTPM32,STPM33,STPM34willhelpenergyutilitiesto minimizerevenuelossesandensureconsistenthighaccuracybillingwhilemeasuringeventheharmoniccontentuptoa4kHzbandwidth. Moreoverpower-qualityassessmentisachievedthankstoadditionalfeatureslikevoltagelinefrequencycalculation,SAG,SWELL,negative powerindicationandzerocrossingdetection. Byperformingpower-qualitycalculationson-chip,includingRMSvoltageandcurrentmeasurement,apparent-energycomputationandunder- voltage/over-voltagedetection,theICcanoffloadthemeter’shostprocessorthussimplifyingcomputationalsoftwareandreducingtheflash memorysizeoccupationinthehostcontroller. TheSTPM32,STPM33andSTPM34providetwo,threeorfourindependentchannelsrespectively,forsingle,splitandpoly-phaseAC applications.TheyarefullycompliantwithapplicableInternationalElectrotechnicalCommission(IEC),AmericanNationalStandardsInstitute (ANSI)standardsasadoptedbyregulatoryauthoritiesworldwide,andexceedStatePowerGridCorporationofChina(SGCC)requirements. Order codes Package Packing # channels Evaluation Boards STPM32TR QFN24 4x4 0.5p Tape & Reel 2 EVALSTPM32 STPM33TR QFN32 5x5 0.5p Tape & Reel 3 EVALSTPM33 STPM34TR QFN32 5x5 0.5p Tape & Reel 4 EVALSTPM34 PRODUCT TABLE STPM34: 4 INDEPENDENT CHANNELS BLOCK DIAGRAM Voltage sensor 1 24-bit ∑∆ ADC Current sensor 1 Filters SPI/UART Digital signal processing 24-bit ∑∆ ADC Voltage sensor 2 24-bit ∑∆ ADC Current sensor 2 MCU Twin voltage references 24-bit ∑∆ ADC |