| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC56 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 25 page ![]() Embedded Software inside SPC5Studio framework • HAL Drivers • Consistent programming interface across product lines • Consistency: Unique set of Application programming Interfaces (API) to abstract hardware dependent functionalities • Portability: no customer application changes with every SPC5 family microcontroller • Key peripherals supported • General Purpose timer, ADC,ICU/PWM, SPI, Timers, CAN, Serial Interface • Delivered inside SPC5Studio: • Drivers configuration & code generation enabled by SPC5Studio plug-in’s • Code Portable to Professional tool chains • On line help for API and functionality description • Operating system independent / can be used without any operating system 11 KODO Provider Name Model Cost Availability KODO READY D 0B/0C4B/EC P AP L M A ST GPIO Source Free Y Y Y Y Y Y Y Y Y ST ADC Source Free Y Y Y Y Y Y Y Y ST ICU/PWM Source Free Y Y Y Y Y Y Y Y Y ST SPI Source Free Y Y Y Y Y Y Y Y Y ST TM Source Free Y Y Y Y Y ST Can Source Free Y Y Y Y Y Y Y Y Y ST SCI Source Free Y Y Y Y Y Y Y Y Y |