| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4623 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4623 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 16 page ![]() Application: memory monitor using JDC module AN4623 12/16 DocID027178 Rev 1 2.5 Further developments Another possible solution is to use the eDMA module to access the memory with the minimal intervention from the core. The eDMA module is a highly programmable data transfer engine and it is used to transfer data from crossbar switch to IPS bus. The crossbar switch connects bus musters and bus slaves using a hardware interconnect matrix. DMA is Xbar master and RAM controller is Xbar slave. The PRAM controller (PRAM CTL) acts as an interface between the system bus and the dedicated RAM array interface. Figure 4. Memory access using eDMA architecture |