| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4428 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4428 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 18 page ![]() Customer manufacturing considerations AN4428 14/18 DocID025706 Rev 1 Figure 12. Spike suppressor configuration A spike can also be caused by an electrostatic discharge. ESD can be a problem when there is a wrong or poor connection of the operators or of the equipment to ground. Additionally it must be carefully checked that ESD does not exceed the declared values of the components. Improving ESD protection in the production line is highly recommended in order to avoid this kind of issue. 2.1.3 Mechanical overstress If the component sensitivity is excessively far from the specification value, most probably the membrane has been damaged. Such damage is typically caused by a mechanical overstress. The ASIC in the component is working properly, but performing a visual inspection reveals that the MEMS microphone membrane is damaged. The membrane can be affected by cracks or voids due to heavy mechanical overstress. Such stresses can be caused by multiple reasons. When the microphone is mounted on a module, it is important to control the module assembly on the final equipment (typically a laptop). During the assembly the screwdriver can hit the microphone damaging the membrane. In general, high shock events, above 10,000 g, can happen at other instances during handling due to equipment design or configuration. Mechanical shocks can also be caused by the pick-and-place equipment, for example if the nozzle does not pick in the proper area or if the machine picks or places the device with excessive force. Finally, also the usage of air to clean PCB can be dangerous if the pressure is too high. Figure 13. MEMS sensor crack example To avoid the issues listed above, the customer must pay attention in setting the production line parameters such as the path of the screwdrivers on the modules (if any) and carefully set the equipment to avoid any kind of dangerous shocks. A further recommendation is related to the pick-and-place equipment. ST strongly recommends using the nozzle with 4 vacuum holes specifically designed to minimize the issue related to mechanical overstresses in production line. For the same reason, the forces involved in the pick-and- AM17607v1 MEMS crack |