công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4240 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện AN4240
Giải thích chi tiết về linh kiện  This application note provides an easy introduction to the usage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4240 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button AN4240 Datasheet HTML 14Page - STMicroelectronics AN4240 Datasheet HTML 15Page - STMicroelectronics AN4240 Datasheet HTML 16Page - STMicroelectronics AN4240 Datasheet HTML 17Page - STMicroelectronics AN4240 Datasheet HTML 18Page - STMicroelectronics AN4240 Datasheet HTML 19Page - STMicroelectronics AN4240 Datasheet HTML 20Page - STMicroelectronics AN4240 Datasheet HTML 21Page - STMicroelectronics AN4240 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Application code structure
AN4240
18/30
Doc ID024209 Rev 2
Figure 12. Secure boot code
The few lines of code create a section called rchw (reset configuration half word) just at the
first address of the CFLASH memory adding the start address for BOOT CMAC calculation,
the start address of the application and the lenght of the code to be authenticated, as
described in Figure 12.
In the locator file it is also necessary add the same section at the beginning of CFLASH and
define the size of the code to be authenticated, as shown Figure 13.:
Figure 13. Locator file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30