| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4121 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4121 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 26 page ![]() AN4121 Three-phase systems Doc ID 023243 Rev 1 19/26 Figure 13. Per-phase powers in (a) a delta-connected load and (b) wye-connected load In the case of Figure 13.a, the total active power is equal to three times the power of one phase: Since the line current in the balanced delta-connected loads, If this equation is substituted into equation 3.51, the total active load becomes: Equation 1 In Figure 13.b, however, the impedances contain the line currents Iline (equal to the phase current, Iphase) and the phase voltages: Therefore, the phase active power and the total active power are: θ = = = = cos I V P P P P phase line 3 2 1 θ = = cos I V 3 P 3 P phase line Total phase line I 3 I = θ = cos I V 3 P line line Total 3 V V line phase = θ = = = = cos I V P P P P line phase 3 2 1 θ = = cos I V 3 P 3 P line phase Total |