| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4026 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4026 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 40 page ![]() AN4026 Conducted emission pre-compliance test Doc ID 022603 Rev 1 27/40 6 Conducted emission pre-compliance test Figure 28 and 29 show the measurements of the conducted noise in average detection, at full load and nominal mains voltages. The limits shown in the diagrams are the EN55022 Class-B ones, which is the most popular rule for domestic equipment and has more severe limits compared to Class-A, dedicated to IT technology equipment. As seen in the diagrams, in all test conditions the measurements are well below the limits. Figure 28. CE peak measurement at 115 Vac and full load |