| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3995 bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3995 bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 49 page ![]() AN3995 Application code example Doc ID 022384 Rev 2 39/49 __ghs_board_memory_init: #/**************************************************************************/ #/* MMU configuration code for SRAM */ #/* TLB1, Entry 1 128KB 0x4000_0000 to 0x4001_FFFF */ #/**************************************************************************/ e_lis r3, 0x1001 mtmas0 r3 #/* MAS0 */ e_lis r3, 0xC000 e_or2i r3, 0x0380 mtmas1 r3 #/* MAS1 = 0xC0000380 (128Kb) */ e_lis r3, 0x4000 e_or2i r3, 0x0028 mtmas2 r3 #/* MAS2 = 0x40000028 */ e_lis r3, 0x4000 e_or2i r3, 0x003F mtmas3 r3 #/* MAS3 = 0x4000003F */ tlbwe #/* Write the entry to the TLB */ #/**************************************************************************/ #/* MMU configuration code for Peripheral Area (IPBridge) */ #/* TLB1, entry 2 1GB 0xC000_0000 to 0xFFFF_FFFF */ #/**************************************************************************/ e_lis r3, 0x1002 #/* MAS0, Configure TLB1, Entry 2 */ mtmas0 r3 e_lis r3, 0xC000 #/* MAS1 = 0xC0000A00 */ e_or2i r3, 0x0A00 mtmas1 r3 e_lis r3, 0xC000 #/* MAS2 = 0xC000002A */ e_or2i r3, 0x002A mtmas2 r3 e_lis r3, 0xC000 #/* MAS3 = 0xC000003F */ e_or2i r3, 0x003F mtmas3 r3 tlbwe #/* Write the entry to the TLB */ #/**************************************************************************/ #/* Initialize all SRAM space by copying all 32GPR's to RAM (fast) */ #/* Counter defines number of 32 x 32-bit words needed to write to RAM */ #/**************************************************************************/ e_lis r5, _SRAM_ADDR_Z4@h #/* SRAM start address defined in the linker file */ e_or2i r5, _SRAM_ADDR_Z4@l e_lis r6, _SRAM_SIZE_Z4@h #/* SRAM size defined in the linker file */ e_or2i r6, _SRAM_SIZE_Z4@l e_srwi r6, r6, 0x7 #/* Divide SRAM size by 128 bytes */ mtctr r6 #/* Move to counter for use with "bdnz" */ sram_loop: e_stmw r0,0x0(r5) #/* Write all 32 registers to SRAM */ e_addi r5,r5,128 #/* Increment the RAM pointer to next */ #/* 128byte(4bytes*32 registers) */ e_bdnz sram_loop #/* Loop for all of SRAM */ #/**************************************************************************/ #/* Flash Wait States and MMU configurations code will be copied to SRAM*/ #/* to avoid inconsistencies */ |