| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3984 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3984 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 46 page ![]() Matlab code (functions) AN3984 40/46 Doc ID 022240 Rev 1 hexN = num2hex(q,floatN); A.9 Max coefficient limit value calculator (LimitVal.m) %-------------------------------------------------------------------------% % function [LimitValue] = LimitVal(CoeffRange) % % Args:CoeffRange -> APW filter Coeff Range % % Return: LimitValue -> APW filter limit value % % Description: From the CoeffRange it calculates the LimitValue % % STMicroelectronics - Agrate (ITALY) % MSH - Audio & Sound BU % Revision: 1.1 % Date: 23 June 2011 %-------------------------------------------------------------------------% %% Function code function [LimitValue] = LimitVal(CoeffRange) format long switch CoeffRange case 1 % Coefficient +/- 1 LimitValue = 0.99999; case 2 % Coefficient +/- 2 LimitValue = 1.99999; case 4 % Coefficient +/- 4 LimitValue = 3.99999; end |