| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3349 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3349 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 13 page ![]() AN3349 Convert mode Doc ID 018511 Rev 2 5/13 2 Convert mode The converter can run either in manual mode (-m, -mc), or in directory/file mode (-c, -a). In both modes, the converter can run in assembly mode (-a, -m) or c mode (-c, -mc). 2.1 Convert mode-language 2.1.1 Assembly mode In assembly mode (-a, -m) the entire file (or manually inserted input) will be treated as Byte Craft assembly and converted immediately. 2.1.2 C mode In c mode (-c, -mc) the entire file (or manually inserted input) will be treated as a c language file. The file will be copied line by line and only the inline assembly instructions will be converted. Inline assembly instructions in Byte Craft begin with the #asm directive and end with #endasm directive. One line inline assembly instructions in Byte Craft can also begin with the #asm directive and an open parenthesis and end with a closing parenthesis. 2.2 Convert mode-input type 2.2.1 Manual mode In manual mode (-m, -mc) the user inserts text manually to the standard input and the converter prints the converted text to the standard output. This mode is useful in order to check specific instructions. Notice that the output is usually printed only after a full instruction has been analyzed (including the ending '.' character which is essential in Byte Craft). 2.2.2 Directory/file mode When the converter runs in directory/file mode (-a, -c) a specific file or directory must be specified right after the -c or -a mode switch. If the argument after the mode switch is a directory, the converter converts all the files in the specified directory which end with the .c extension (if the switch was -c) or the .asm extension (if the switch was -a). Each generated file will be named <file_name>.converted.c or <file_name>.converted.asm depending on the current language mode. If the argument after the mode switch is a file (and not a directory) the specified file will be converted. In this case another argument may appear right after the file name to specify the name of the new generated converted file. If such an argument does not appear the new file will be called <file_name>.converted.c or <file_name>.converted.asm depending on the working language mode. |