công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3254 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện AN3254
Giải thích chi tiết về linh kiện  SPI protocol for the STPMC1 metering device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3254 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button AN3254 Datasheet HTML 15Page - STMicroelectronics AN3254 Datasheet HTML 16Page - STMicroelectronics AN3254 Datasheet HTML 17Page - STMicroelectronics AN3254 Datasheet HTML 18Page - STMicroelectronics AN3254 Datasheet HTML 19Page - STMicroelectronics AN3254 Datasheet HTML 20Page - STMicroelectronics AN3254 Datasheet HTML 21Page - STMicroelectronics AN3254 Datasheet HTML 22Page - STMicroelectronics AN3254 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN3254
Converting readings into measured values
Doc ID 17783 Rev 1
19/24
Each block of the path contributes to the signal processing with the parameters shown
below.
Table 3 shows the variable parameters that must be considered as inputs for the following
calculation, while Table 4 shows the device internal constant parameters.
x_i can be one of the current readings in the registers from DMR to DEN (iR MOM, iS MOM,
etc., sI RMS, iR RMS, iS RMS, etc.), and x_u can be one of the voltage readings in the
registers from PRD to DEN (DC uN, uR MOM, uS MOM, etc., uR RMS, uS RMS, etc.).
x_period is the 12 bits value in the PRD register.
Figure 9.
Current conditioning
Figure 10.
Current signal path
Table 3.
Input parameters
Parameter
Meaning
R1, R2
Voltage Divider Resistors Value [Ohm]
Ks
Current Sensor Sensitivity Value [V/A]
x_i
Current Register Value expressed as decimal
x_u
Voltage Register Value expressed as decimal
x_period
Period Register Value expressed as decimal
Ai
Current Channel Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24