| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3105 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3105 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 30 page ![]() AN3105 Conducted emission pre-compliance test: peak measurement Doc ID 16774 Rev 2 19/30 5 Conducted emission pre-compliance test: peak measurement Figure 15 and 16 show the peak measurement of the conducted noise at full load and nominal mains voltage. The limits on the diagrams are the EN55022 Class-B. As seen in the diagrams, for both input wires the measurements are well below the limits. Figure 15. CE peak measure at 230 VAC and full load - phase wire Figure 16. CE peak measure at 230 VAC and full load - neutral wire |