| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2299 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2299 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 26 page ![]() Fast digital calibration procedure AN2299 16/26 Rev2 In this case the type of current sensor and its nominal value of sensitivity must be known, for example: – Shunt sensor=KS From values above and for both given amplification factor AI and initial calibration data, the following target values can be calculated: Target RMS reading for given In: Target RMS reading for given Vn: Voltage divider output: From which R1 resistor value is obtained: ● Rogowski coil - Constant R1 As previously mentioned, voltage divider sensitivity is fixed, thus resistor values R1 and R2 are known, for example: –Resistor R1=R1 –Resistor R2=R2 From values above and for both given amplification factor AI and initial calibration data, the following target values can be calculated: Voltage divider output: Target RMS reading for given Vn: Target RMS reading for given In: X I In K S • A I • Ki • G IN T • G DF • G DIF B I • • VBG 1000 • -------------------------------------------------------------------------------------------------------- = Eq. 17 X V fB V • B I • D UD • f M X I • ------------------------------------------ = Eq. 18 VDIV X V V BG • 2G DIF • A V • Kv • G DF G INT B V • • • ---------------------------------------------------------------------------------------------- = Eq. 19 R1 R2 Vn V DI V – V DIV ------------------------- • = [ Ω] Eq. 20 VDIV Vn R2 R1 R2 + --------------------- • = Eq. 21 X V V DIV V BG ------------ A V Kv • G DF • • B V • = Eq. 22 X I fB V • B I • D UD • fM XV • ------------------------------------------ = Eq. 23 |