| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2650 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2650 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 26 page ![]() DocID14109 Rev 3 21/26 AN2650 Power dissipation 25 7 Power dissipation The calculation of the power dissipation depends upon the selected slew rate and decay mode of the device. In Figure 12 the set up was selected with a fast decay. Figure 12. Current flow and voltage drop during fast decay For a rough calculation of the power dissipation, three different phases are selected: 1. Static ON 2. Static free wheeling (FW), fast decay 3. Dynamic on and off with slew rate. 7.1 Static ON Only the RDS,on of the high and low side switches are used for generating power dissipation. t Vs V OUT-A V OUT-B t PWM Vs gnd ON ON OFF OFF I L Vs gnd ON I L OFF ON OFF ON FW fast decay OUT-B OUT-B A - T U O A - T U O t D t Pulse t r/f |