| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2388 bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2388 bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 54 page ![]() AN2388 Software design 49/54 ************************************************************************************ **************************SVPWM Calculation Block Diagram* ************************************************************************************ ************************ The right sector can be found it by means this simple rule. Sector determination: if Vref1>0 THEN A_Sector=1, ELSE A_Sector=0; if Vref2>0 THEN B_Sector=1, ELSE B_Sector=0; if Vref3>0 THEN C_Sector=1, ELSE C_Sector=0; Sector= A_Sector+2* B_Sector+4*C_Sector Inside the proper sector, it must be calculated the duration of the two sector boundary vectors application as shown below: Timing calculation The final step is to compute the three necessary duty cycle to provide to power devices depending on which sector the voltage vector defined by . f C E x inverse Vdc V inverse d q f F D x inverse Vdc V inverse qSqrt f A x inverse Vdc V inverse qSqrt n n n 15 . 1 0 4 0 _ _ * 2 3 _ 2 3 15 . 1 0 2 0 _ _ * 2 3 _ 2 15 . 1 11 5 0 _ _ 3 _ ⎯→ ⎯ = = ⎯→ ⎯ = = ⎯→ ⎯ = = Calculate voltage reference Evaluate sector and duration of two boundary vectors Compute the 3 necessary duty cycles assigning to the right motor phase according to the sector β α V V , |