| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2378 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2378 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 13 page ![]() AN2378 Open-load detection of L9935 Doc ID 12435 Rev 3 7/13 2 Open-load detection of L9935 The open-load detection is done during flyback, using fast decay. The fast decay path is shown in Figure 4: the coil energy, stored in LM is fed back from GND to VBatt. Figure 4. Open-load detection during free-wheeling If the voltage drop at Rshunt plus RDS,ON of TLSl does not reach the reference voltage Vref, an open-load failure is detected. A failure is flagged only if the failure lasts longer than 16 µs. Figure 5. Open-load measurement concept with simplified Vmes curve (if Vmes < 0 V TLSI is switched off) |