công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2353 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện AN2353
Giải thích chi tiết về linh kiện  Designing an application with the ST10F27x devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2353 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button AN2353 Datasheet HTML 10Page - STMicroelectronics AN2353 Datasheet HTML 11Page - STMicroelectronics AN2353 Datasheet HTML 12Page - STMicroelectronics AN2353 Datasheet HTML 13Page - STMicroelectronics AN2353 Datasheet HTML 14Page - STMicroelectronics AN2353 Datasheet HTML 15Page - STMicroelectronics AN2353 Datasheet HTML 16Page - STMicroelectronics AN2353 Datasheet HTML 17Page - STMicroelectronics AN2353 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Connecting to L4969
AN2353
16/18
8
Connecting to L4969
L4969 is a combined voltage regulator and low-speed CAN interface from
STMicroelectronics.
The following figure shows how to connect the L4969 CAN interface to the ST10F27x
microcontroller when working on an SPI bus with multiple peripherals.
Note:
For further information on the L4969, please refer to the L4969 datasheet and the available
application notes for this device.
When no other peripherals are connected to the SPI bus, the L4969 can be directly
connected to the ST10 SPI lines without any further constraints.
Figure 7.
ST10F27x connected to L4969 and other SPI devices
L4969
CSL4969
CSx
Device x
Device y
CSy
SCLK
MTSR
MRST
CLK
EN
EN
NRES
NINT
RESET
Px.y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18