công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2341 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện AN2341
Giải thích chi tiết về linh kiện  Programming ST10F27x/F25x CAN interrupt drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2341 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button AN2341 Datasheet HTML 7Page - STMicroelectronics AN2341 Datasheet HTML 8Page - STMicroelectronics AN2341 Datasheet HTML 9Page - STMicroelectronics AN2341 Datasheet HTML 10Page - STMicroelectronics AN2341 Datasheet HTML 11Page - STMicroelectronics AN2341 Datasheet HTML 12Page - STMicroelectronics AN2341 Datasheet HTML 13Page - STMicroelectronics AN2341 Datasheet HTML 14Page - STMicroelectronics AN2341 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AN2341
Programming through CAN hardware features
11/26
CANx_WAIT_FOR_IF1;
if (CANxIF1A2 & IF_DIR)
// direction = transmit
{
if (CANxIF1MC & IF_NEWDAT)
// remote received provided that UMask = 1
// and RmtEn = 0
{.....} // procedure to handle answer to remote
else
{.....} // procedure to handle transmit interrupts
}
else
// direction = receive
{
if (CANxIF1MC & IF_NEWDAT) // NewDat is set
{.....}
// procedure to handle data receive interrupt
else
{.....} // a remote frame was successfully transmitted
}
break;
}
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26