| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2244 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2244 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 17 page ![]() 4 Software limitations AN2244 14/17 4 Software limitations Data or sector headers corruption is possible in the case of power loss during variables update or sectors erase or transfer. To detect this corruption and recover it, a routine EEPROM_INIT( ) must be written and called immediately after power on. This routine is not implemented in this version of this application note. This section is limited to the description of its principle. The routine must use the sector status to check integrity and to perform repair if necessary. After power loss, the EEPROM_INIT( ) routine is used to check sector header status. There are 16 possible status combinations, half of which are invalid. The following table shows the actions that should be taken based on the sectors states upon power up. Table 1. Status combinations and actions to be taken ERASED RECEIVE_DATA VALID_DATA TRANSFER COMPLETE ERASED Invalid state: erase both sectors and format sector 1 Invalid state: erase both sectors and format sector 1 Use sector 1 as valid sector and erase sector 2 Invalid state: erase both sectors and format sector 1 RECEIVE_DATA Invalid state: erase both sectors and format sector 1 Invalid state: erase both sectors and format sector 1 Use sector 1 as valid sector and erase sector 2 and transfer data from 1 to 2 Use sector 2 as valid sector and erase sector 1 VALID_DATA Use sector 2 as valid sector and erase sector 1 Use sector 2 as valid sector and erase sector 1 and transfer data from 2 to 1 Invalid state: erase both sectors and format sector 1 Use sector 2 as valid sector and erase sector 1 TRANSFER COMPLETE Invalid state: erase both sectors and format sector 1 Use sector 1 as valid sector and erase sector 2 Use sector 1 as valid sector and erase sector 2 Invalid state: erase both sectors and format sector 1 Sector 1 Sector 2 |