công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4369 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN4369
Giải thích chi tiết về linh kiện  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics AN4369 Datasheet HTML 10Page - STMicroelectronics AN4369 Datasheet HTML 11Page - STMicroelectronics AN4369 Datasheet HTML 12Page - STMicroelectronics AN4369 Datasheet HTML 13Page - STMicroelectronics AN4369 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conclusion
AN4369
12/14
DocID025335 Rev 1
7
Conclusion
To decrease the gain, use the products TSC101, TSC1021, and TSC103. Choose the
product with the closest gain for the objective required (which is above the targeted value)
and add two similar resistors in series with the inputs. To minimize the impact of the gain
modifications on the accuracy of the TSC product, make sure that the:
value of the external resistance, Rs, is as low as possible
resistances on the Vp and Vn input pins are matched
To increase the gain use the TSC1031 as a resistance can also be added on the R3 pin.
All the issues explained above which relate to the temperature coefficient, process
variation, and Vio offset, remain the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14