công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4300 bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện AN4300
Giải thích chi tiết về linh kiện  Advanced light control and diagnostics using
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4300 bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button AN4300 Datasheet HTML 18Page - STMicroelectronics AN4300 Datasheet HTML 19Page - STMicroelectronics AN4300 Datasheet HTML 20Page - STMicroelectronics AN4300 Datasheet HTML 21Page - STMicroelectronics AN4300 Datasheet HTML 22Page - STMicroelectronics AN4300 Datasheet HTML 23Page - STMicroelectronics AN4300 Datasheet HTML 24Page - STMicroelectronics AN4300 Datasheet HTML 25Page - STMicroelectronics AN4300 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MCU initialization
AN4300
22/40
DocID024675 Rev 2
• PCS to SCK delay prescaler equal to 7
Figure 13. DSPI master init function
4.3
eMIOS_0 and EMIOS_1 modules
4.3.1
eMIOS_0 and eMIOS_1 module initialization
The following function allows to configure the two eMIOS and the following pins as:
• Set PCR[1] as E0UC[1] using PA[1]
• Set PCR[89] as E1UC[1] using PF[9]
• Set PCR[112] as E1UC[2] using PH[0]
• Set PCR[92] as E1UC[25] using PF[12]
• Set PCR[93] as E1UC[26] using PF[13]
• Set PCR[104] as E1UC[17] using PG[8]
• Set PCR[105] as E1UC[18] using PG[9]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40