| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4287 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4287 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 27 page ![]() DocID024464 Rev 2 23/27 AN4287 Further information Appendix A Further information 5.5 Conventions and terminology Table 2 shows the list of conventions for this document. 5.6 Acronyms and abbreviations A short list of acronyms and abbreviations used in this document is reported in the following Table 3. Table 2. List of conventions and terminology Convention Description Error Discrepancy between a computed, observed, or measured value or condition and the true, specified or theoretically correct value or condition. Fault Abnormal condition that may cause a reduction in, or loss of, the capability of a functional unit to perform a required function. Failure The termination of the ability of a functional unit to perform a required function. Table 3. Acronyms and abbreviations Term Meaning CCF Common Cause Failure CRC Cyclic Redundancy Check DED Dual Error Detection ECC Error Correcting Code ECSM Error Correction Status Module eDMA Enhanced Direct Memory Access EXWD External Watchdog function eQADC Enhanced Queued Analog-to-Digital Converter FMEDA Failure Modes, Effects and Diagnostic Analysis FMPLL Frequency-Modulated Phase-Locked Loop FOM Failure Output Monitor function FTTI Fault Tolerant Time Interval GPIO General Purpose Input/Output LBIST Logic Built-In Self-Test LVI Low Voltage Inhibit MBIST Memory Built-In Self-Test MCU Microcontroller Unit MPU Memory Protection Unit |