| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4276 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4276 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 21 page ![]() DocID024408 Rev 2 17/21 AN4276 Application software notes 5.3.1 Check ECC immediately after each read access Figure 9. Example of Immediate ECC check during read function Advantage Recognition of corrupted data in the Flash memory is immediate after the first read access. It can help to decrease time in the case where a lot of memory words are corrupted, like power drop during sector erase operation. Disadvantage ECC check needs some processing time for each read access. This increases processing time of read operation in general. 5.3.2 Check ECC after whole data buffer is read Figure 10. Example of ECC check after whole buffer is read Advantage Standard read buffer operation is not delayed with ECC check after each read access. This gives the standard performance in case of good memory sector. ReadBuffer () error = 0; for (i=0; i < length ; ++i) { buffer [i] = *( mem_ptr + i); if (MCR.EER == 1) { error = 1; break ; } } if (error ) { DoErrorAction (); end funciton ; } ... IVOR 2 Handler if (ECSM.FNCE) { if (DataFlash == TRUE) { SRR 0 <= change to next instruction ; return from Handler ; } } 1x time ReadBuffer () error = 0; for (i=0; i < length ; ++i) { buffer [i] = *( mem_ptr + i); } if (MCR.EER) { DoErrorAction (); end funciton ; } ... IVOR 2 Handler if (ECSM.FNCE) { if (DataFlash == TRUE) { SRR 0 <= change to next instruction ; return from Handler ; } } i times |