công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3165 bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện AN3165
Giải thích chi tiết về linh kiện  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 21Page - STMicroelectronics AN3165 Datasheet HTML 22Page - STMicroelectronics AN3165 Datasheet HTML 23Page - STMicroelectronics AN3165 Datasheet HTML 24Page - STMicroelectronics AN3165 Datasheet HTML 25Page - STMicroelectronics AN3165 Datasheet HTML 26Page - STMicroelectronics AN3165 Datasheet HTML 27Page - STMicroelectronics AN3165 Datasheet HTML 28Page - STMicroelectronics AN3165 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AN3165
Integration principles and description
Doc ID 17180 Rev 1
25/31
#endif
#define ADC3_SUB_PRIORITY 0
#ifndef PFC_ENABLE
#define ADC1_2_PRE_EMPTION_PRIORITY 1
#else
#define ADC1_2_PRE_EMPTION_PRIORITY 2
#endif
#define ADC1_2_SUB_PRIORITY 0
In the private define of the "stm32f10x_Timebase.c" module:
#ifndef PFC_ENABLE
#define SYSTICK_PRE_EMPTION_PRIORITY 3
#else
#define SYSTICK_PRE_EMPTION_PRIORITY 4
#endif
#define SYSTICK_SUB_PRIORITY 0
The other IRQ priorities related to the dual FOC MC are not changed.
4.4
Application example
This section lists the software and hardware requirements for the system to run correctly,
and also describes the connection topology and performances obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31