công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFZ44N bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRFZ44N
Giải thích chi tiết về linh kiện  Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44N bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRFZ44N Datasheet HTML 1Page - International Rectifier IRFZ44N Datasheet HTML 2Page - International Rectifier IRFZ44N Datasheet HTML 3Page - International Rectifier IRFZ44N Datasheet HTML 4Page - International Rectifier IRFZ44N Datasheet HTML 5Page - International Rectifier IRFZ44N Datasheet HTML 6Page - International Rectifier IRFZ44N Datasheet HTML 7Page - International Rectifier IRFZ44N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFZ44N
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 25A, VGS = 0V
„
trr
Reverse Recovery Time
–––
63
95
ns
TJ = 25°C, IF = 25A
Qrr
Reverse Recovery Charge
–––
170
260
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
49
160
A
‚ Starting T
J = 25°C, L = 0.48mH
RG = 25Ω, IAS = 25A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
Notes:
ƒ I
SD ≤ 25A, di/dt ≤ 230A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.058 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
17.5
m
Ω
VGS = 10V, ID = 25A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
19
–––
–––
S
VDS = 25V, ID = 25A
„
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
63
ID = 25A
Qgs
Gate-to-Source Charge
–––
–––
14
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
23
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 28V
tr
Rise Time
–––
60
–––
ID = 25A
td(off)
Turn-Off Delay Time
–––
44
–––
RG = 12Ω
tf
Fall Time
–––
45
–––
VGS = 10V, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
1470 –––
VGS = 0V
Coss
Output Capacitance
–––
360
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
88
–––
pF
ƒ = 1.0MHz, See Fig. 5
EAS
Single Pulse Avalanche Energy
‚
–––
530
… 150† mJ
IAS = 25A, L = 0.47mH
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com