công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD16680 bảng dữ liệu(PDF) 26 Page - NEC

tên linh kiện UPD16680
Giải thích chi tiết về linh kiện  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD16680 bảng dữ liệu(HTML) 26 Page - NEC

Back Button UPD16680 Datasheet HTML 22Page - NEC UPD16680 Datasheet HTML 23Page - NEC UPD16680 Datasheet HTML 24Page - NEC UPD16680 Datasheet HTML 25Page - NEC UPD16680 Datasheet HTML 26Page - NEC UPD16680 Datasheet HTML 27Page - NEC UPD16680 Datasheet HTML 28Page - NEC UPD16680 Datasheet HTML 29Page - NEC UPD16680 Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Data Sheet S12694EJ2V0DS00
26
µµµµPD16680
9.2.4 D/A converter setting
The internal D/A converter is set. D/A converter output voltage is controlled from 1/2VDD to VDD.
MSB
LSB
00
1
0
1
00
0
MSB
LSB
00
b4
b5
b3 b2 b1 b0
+
Extend Choices
D/A Converter output voltage
00H(MIN.) to 3FH(MAX.)
Caution After resetting, it is set to 20H.
9.2.5 Duty setting
The duty is set.
MSB
LSB
Choices
000 : 1/53 duty
001 : 1/40 duty
00
0
1
1
b2 b1 b0
Note
Note If the duty cycle is 1/40, leave open from COM39 to COM51.
9.2.6 Blink setting
The blinks of the pictograph of the address whose blink data is “1” are controlled.
MSB
LSB
Choices
000 : Blink halt
001 : Blink start (Blink frequency = fOSC/32768)
010 : Blink start (Blink frequency = fBRI
/2)
01
0
0
0
b2 b1 b0
Note
Note This refers to the frequency of the external clock which is input from the OSCBR1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44