công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM120AF bảng dữ liệu(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

tên linh kiện SM120AF
Giải thích chi tiết về linh kiện  1.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECOS [SeCoS Halbleitertechnologie GmbH]
Trang chủ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM120AF bảng dữ liệu(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM120AF_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM120AF_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM120AF~SM1200AF
20 V ~ 200 V
1.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
07-Feb-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
Low forward voltage drop
PACKAGING INFORMATION
Metallurgically bonded construction
Polarity: Color band denotes cathode end
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.032 grams (approximately)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAF
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25
°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
SM
120AF
SM
140AF
SM
160AF
SM
1100AF
SM
1150AF
SM
1200AF
Maximum Recurrent Peak Reverse
Voltage
VRRM
20
40
60
100
150
200
V
Working Peak Reverse Voltage
VRMS
14
28
42
70
105
140
V
Maximum DC Blocking Voltage
VR
20
40
60
100
150
200
V
Maximum Instantaneous Forward
Voltage @ 1A
VF
0.45
0.5
0.7
0.85
0.87
0.9
V
Maximum Average Forward Rectified
Current, See Fig.1
IO
1
A
Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
30
A
Maximum Reverse
Current
2
TC=25°C
IR
0.5
0.2
mA
TC=100°C
10
5
Typical Thermal Resistance
RθJA
120
°C / W
Typical Thermal Resistance
RθJC
90
Diode Junction Capacitance (Typ.)
1
CJ
90
70
60
50
35
pF
Operating Temperature Range
TJ
-50 ~ 125
-50~150
°C
Storage Temperature Range
TSTG
-50~150
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage
2.
Pulse Test:Pulse Width = 300 µs, Duty Cycle
2.0%.
SMAF
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.95
4.60
D
0.75
1.50
B
2.25
2.95
E
1.25
1.65
C
4.80
5.60
F
0.90
1.10


Số phần tương tự - SM120AF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SM120AF SECOS-SM120AF Datasheet
236Kb / 2P
20V ~200V 1.0 Amp Surfacemount Schottky Barrier Rectifiers
More results

Mô tả tương tự - SM120AF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SM120A UNIOHM-SM120A Datasheet
66Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5818.1A-DO-213AB DGNJDZ-SM5818.1A-DO-213AB Datasheet
237Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK12 BYTESONIC-SK12_V01 Datasheet
535Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/7/23
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com