công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CI-F06 bảng dữ liệu(PDF) 3 Page - TEMEX

tên linh kiện CI-F06
Giải thích chi tiết về linh kiện  CI F06 unit includes a digital pulse expander
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEMEX [TEMEX]
Trang chủ  http://www.temex.com
Logo TEMEX - TEMEX

CI-F06 bảng dữ liệu(HTML) 3 Page - TEMEX

  CI-F06 Datasheet HTML 1Page - TEMEX CI-F06 Datasheet HTML 2Page - TEMEX CI-F06 Datasheet HTML 3Page - TEMEX CI-F06 Datasheet HTML 4Page - TEMEX CI-F06 Datasheet HTML 5Page - TEMEX CI-F06 Datasheet HTML 6Page - TEMEX CI-F06 Datasheet HTML 7Page - TEMEX CI-F06 Datasheet HTML 8Page - TEMEX CI-F06 Datasheet HTML 9Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Digital pulse compression module
CI F06 Expander and Compressor
March 15
th, 2013
CI F06 Expander and Compressor Revision B2
3 / 9
www.rakon.com
Pulse compressor channel description.
Input chirps are filtered (anti-aliasing filter), sampled and down-converted to baseband. I and Q baseband data
are processed by FIR filters whose coefficients are matched with the expander chirp characteristics. Digital
baseband I/Q compressed pulse is then up-converted to carrier frequency and converted into analog signal.
As inputs and outputs are IF analog signals, CI F06 is well suited to upgrade SAW based pulse compression
Radars. For better compatibility with old SAW based subsystems, an adjustable additional delay may be inserted.
Fig. 2 gives the maximum chirp duration value vs. bandwidth achievable for the compressor channel.
Compressor waveform is selected among 2 possible waveforms, using WFMSel_C input, as presented in Table 2.
Each time WFMSel_C signal changes, the new set of waveform coefficients will be active 50 µs later.
Table 2 : Compressor waveform selection
WFMSel_C
Compressor waveform
0
Waveform C0 (TBD)
1
Waveform C1 (TBD)
Fig. 2 : Accessible B x T area



Html Pages

1 2 3 4 5 6 7 8 9