| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16633B bảng dữ liệu(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16633B bảng dữ liệu(HTML) 8 Page - NEC |
|
8 / 20 page ![]() 8 µµµµPD16633B Figure 2-2. Relationship Between Input Data and Output Voltage: V4 > V5 > V6 > V7 > V8 > V9 > VSS2 Data DX5 DX4 DX3 DX2 DX1 DX0 Output Voltage 00H 01H 02H 03H 04H 05H 06H 07H 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V0” V1” V2” V3” V4” V5” V6” V7” V9 V9 + (V8 – V9) × 800/5300 V9 + (V8 – V9) × 1600/5300 V9 + (V8 – V9) × 2400/5300 V9 + (V8 – V9) × 3100/5300 V9 + (V8 – V9) × 3800/5300 V9 + (V8 – V9) × 4400/5300 V9 + (V8 – V9) × 4900/5300 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V8” V9” V10” V11” V12” V13” V14” V15” V8 V8 + (V7 – V8) × 400/4000 V8 + (V7 – V8) × 700/4000 V8 + (V7 – V8) × 1000/4000 V8 + (V7 – V8) × 1300/4000 V8 + (V7 – V8) × 1600/4000 V8 + (V7 – V8) × 1800/4000 V8 + (V7 – V8) × 2000/4000 10H 11H 12H 13H 14H 15H 16H 17H 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V16” V17” V18” V19” V20” V21” V22” V23” V8 + (V7 – V8) × 2200/4000 V8 + (V7 – V8) × 2400/4000 V8 + (V7 – V8) × 2600/4000 V8 + (V7 – V8) × 2700/4000 V8 + (V7 – V8) × 2800/4000 V8 + (V7 – V8) × 2900/4000 V8 + (V7 – V8) × 3000/4000 V8 + (V7 – V8) × 3100/4000 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V24” V25” V26” V27” V28” V29” V30” V31” V8 + (V7 – V8) × 3200/4000 V8 + (V7 – V8) × 3300/4000 V8 + (V7 – V8) × 3400/4000 V8 + (V7 – V8) × 3500/4000 V8 + (V7 – V8) × 3600/4000 V8 + (V7 – V8) × 3700/4000 V8 + (V7 – V8) × 3800/4000 V8 + (V7 – V8) × 3900/4000 20H 21H 22H 23H 24H 25H 26H 27H 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V32” V33” V34” V35” V36” V37” V38” V39” V7 V7 + (V6 – V7) × 100/2700 V7 + (V6 – V7) × 200/2700 V7 + (V6 – V7) × 300/2700 V7 + (V6 – V7) × 400/2700 V7 + (V6 – V7) × 500/2700 V7 + (V6 – V7) × 600/2700 V7 + (V6 – V7) × 700/2700 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V40” V41” V42” V43” V44” V45” V46” V47” V7 + (V6 – V7) × 800/2700 V7 + (V6 – V7) × 900/2700 V7 + (V6 – V7) × 1000/2700 V7 + (V6 – V7) × 1100/2700 V7 + (V6 – V7) × 1200/2700 V7 + (V6 – V7) × 1300/2700 V7 + (V6 – V7) × 1400/2700 V7 + (V6 – V7) × 1500/2700 30H 31H 32H 33H 34H 35H 36H 37H 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V48” V49” V50” V51” V52” V53” V54” V55” V7 + (V6 – V7) × 1600/2700 V7 + (V6 – V7) × 1700/2700 V7 + (V6 – V7) × 1800/2700 V7 + (V6 – V7) × 1900/2700 V7 + (V6 – V7) × 2000/2700 V7 + (V6 – V7) × 2100/2700 V7 + (V6 – V7) × 2300/2700 V7 + (V6 – V7) × 2500/2700 V63” V62” V61” V33” V32” V31” V2” V4 V7 V9 r4-5 r62 r61 r60 r32 r31 r30 r2 r0 r33 V57” r56 V56” V55” r55 r54 V6 V1” r1 V0” V4" r4 V3” r3 V6” r6 V5” r5 V7” r7 V9” r9 V8” r8 V8 V60” V59” V58” r59 r58 V63’ V5 r57 9 k Ω 38H 39H 3AH 3BH 3CH 3DH 3EH 3FH 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V56” V57” V58” V59” V60” V61” V62” V63” V6 V6 + (V5 – V6) × 200/2500 V6 + (V5 – V6) × 400/2500 V6 + (V5 – V6) × 700/2500 V6 + (V5 – V6) × 1000/2500 V6 + (V5 – V6) × 1300/2500 V6 + (V5 – V6) × 1700/2500 V5 Caution Between V4 and V5 terminal is connected by using the resistor (9 k Ω Ω Ω Ω) in the chip. |