công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMX3000RT2UTAA bảng dữ liệu(PDF) 2 Page - Tripp Lite. All Rights Reserved

tên linh kiện SMX3000RT2UTAA
Giải thích chi tiết về linh kiện  TAA-Compliant SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMX3000RT2UTAA bảng dữ liệu(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMX3000RT2UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMX3000RT2UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMX3000RT2UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMX3000RT2UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMX3000RT2UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Some external battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
Maintains regulated 230V nominal output during brownouts and overvoltages from 151 to 282V
Includes 9 UPS supported outlets arranged in 3 individually controllable load banks (2 outlets per bank) that can be powered off and back on again via
software interface
IEC320-C20 input connection accepts a variety of detachable cordsets to match country or site-specific wall receptacles
PowerAlert UPS monitoring and unattended shutdown software enables configurable network broadcast messaging, email notification, event logging and
running user-defined script commands
Offers simultaneous monitoring through included USB and DB9 interface ports, or the monitoring by any number of additional servers over IP
Emergency Power Off (EPO) interface with cable
Supports Tripp Lite's WatchDog software application (requires optional WATCHDOGSW)
Built-in accessory slot supports SNMP with optional SNMPWEBCARD adapter
Emergency Power Off (EPO) interface with cable
Multi-function audible alarms and set of 5 front panel LEDs
Network-grade AC surge suppression
UPS battery set ships fully assembled, no time consuming connection of internal batteries by user is necessary
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
3000
Output kVA Capacity (kVA)
3
Output Watt Capacity (Watts)
2250
Output kW Capacity (kW)
2.2
Power Factor
0.8
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230v nominal inverter output voltage
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-15%, +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) C13; (1) C19
Included Output Power Cables
Includes 3 C13 to C14 output power cables
Load Management Receptacles
Three switchable two-outlet C13 load banks
Output Circuit Breakers
10A (x2) - each breaker protects 4 C13 outlets, C19 outlet is unbreakered
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
2 / 5



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com