| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16434 bảng dữ liệu(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16434 bảng dữ liệu(HTML) 1 Page - NEC |
|
1 / 39 page ![]() MOS INTEGRATED CIRCUIT µµµµ PD16434 1/8, 1/16 DUTY LCD CONTROLLER/DRIVER Document No. S10299EJ4V0DS00 (4th edition) Date Published April 2000 NS CP(K) Printed in Japan DATA SHEET 1994, 1999 The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local NEC representative for availability and additional information. The mark 5 5 5 5 shows major revised points. DESCRIPTION µ PD16434 is LCD controller/driver containing the interfacing features for a dot-matrix mode 8-, 16-time division LCD and a microprocessor. µ PD16434 contains a 5- by 7-dot matrix character generator corresponding to ASCII/JIS. Therefore, user original patterns can be easily displayed. FEATURES • DOT matrix LCD controller/driver • 8- or 16-time division drive possible with a single chip 8-time-division : 400 (50 by 8) dots 16-time-division : 672 (42 by 16) dots • 8- or 16-time division drive possible with no chip 8-time-division : n × 400 (50 by 8) dots 16-time-division : n × 800 (50 by 16) dots • Display data storage RAM : 20 × 50 × 8 bits • Programmer specified dot (graphic) display • Capable of alphanumeric and symbolic displays thorough built-in ROM (5 by 7 dots) 160 characters • Parallel data input/output (Switch able between 4 and 8 bits) • Cursor manipulation command • Upgraded version of µ PD7228, µ PD7228A, µ PD7229, µ PD7229A ORDERING INFORMATION Part Number Package µ PD16434G-xxx-12 80-PIN PLASTIC QFP (14 × 20) µ PD16434G-001-12 80-PIN PLASTIC QFP (14 × 20), Standard ROM code µ PD16434GF-xxx-3B9 80-PIN PLASTIC QFP (14 × 20) Note µ PD16434GF-001-3B9 80-PIN PLASTIC QFP (14 × 20), Standard ROM code Note Note This package is only available in European market. 5 5 |
Số phần tương tự - UPD16434 |
|
Mô tả tương tự - UPD16434 |