| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NP83P06PDG-E1-AYNote bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
NP83P06PDG-E1-AYNote bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
|
8 / 9 page ![]() Data Sheet D18691EJ3V0DS 6 NP83P06PDG PACKAGE DRAWING (Unit: mm) TO-263 (MP-25ZP) No plating 7.88 MIN. 2.54 0.75 ±0.2 0.5 2 13 4 4.45 ±0.2 1.3 ±0.2 0.6 ±0.2 0 to 8˚ 1. Gate 2. Drain 3. Source 4. Fin (Drain) 0.025 to 0.25 0.25 10.0 ±0.3 EQUIVALENT CIRCUIT Source Body Diode Gate Drain Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. |