| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP06 bảng dữ liệu(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
TMP06 bảng dữ liệu(HTML) 16 Page - Analog Devices |
|
16 / 28 page ![]() TMP05/TMP06 Data Sheet Rev. C | Page 16 of 28 START PULSE #1 TEMP MEASUREMENT #2 TEMP MEASUREMENT #N TEMP MEASUREMENT T0 TIME Figure 27. Daisy-Chain Signal at Input to the Microcontroller TMP05 OUTPUT The TMP05 has a push-pull CMOS output (Figure 28) and provides rail-to-rail output drive for logic interfaces. The rise and fall times of the TMP05 output are closely matched so that errors caused by capacitive loading are minimized. If load capacitance is large (for example, when driving a long cable), an external buffer could improve accuracy. An internal resistor is connected in series with the pull-up MOSFET when the TMP05 is operating in one shot mode. TMP05 V+ OUT Figure 28. TMP05 Digital Output Structure TMP06 OUTPUT The TMP06 has an open-drain output. Because the output source current is set by the pull-up resistor, output capacitance should be minimized in TMP06 applications. Otherwise, unequal rise and fall times skew the pulse width and introduce measurement errors. OUT TMP06 Figure 29. TMP06 Digital Output Structure |