| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IR2153 bảng dữ liệu(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR2153 bảng dữ liệu(HTML) 5 Page - International Rectifier |
|
5 / 9 page ![]() IR2153(D)(S)& (PbF) www.irf.com 5 Symbol Description VCC Logic and internal gate drive supply voltage RT Oscillator timing resistor input CT Oscillator timing capacitor input COM IC power and signal ground LO Low side gate driver output VS High voltage floating supply return HO High side gate driver output VB High side gate driver floating supply Lead Definitions Lead Assignments 8 Lead PDIP 8 Lead SOIC IR2153D IR2153(S) NOTE: The IR2153D is offered in 8 lead PDIP only. Symbol Definition Min. Typ. Max. Units Test Conditions VOH High level output voltage, VBIAS -VO — 0 100 IO = OA VOL Low-level output voltage, VO — 0 100 IO = OA VOL_UV UV-mode output voltage, VO — 0 100 IO = OA VCC ≤ VCCUV- tr Output rise time — 80 150 tf Output fall time — 45 100 tsd Shutdown propogation delay — 660 — td Output deadtime (HO or LO) 0.75 1.20 1.65 µsec Gate Driver Output Characteristics mV nsec Electrical Characteristics (cont.) |