công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RLP1N08LE bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện RLP1N08LE
Giải thích chi tiết về linh kiện  1A, 80V, 0.750 Ohm, Current Limited, N-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RLP1N08LE bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  RLP1N08LE Datasheet HTML 1Page - Intersil Corporation RLP1N08LE Datasheet HTML 2Page - Intersil Corporation RLP1N08LE Datasheet HTML 3Page - Intersil Corporation RLP1N08LE Datasheet HTML 4Page - Intersil Corporation RLP1N08LE Datasheet HTML 5Page - Intersil Corporation RLP1N08LE Datasheet HTML 6Page - Intersil Corporation RLP1N08LE Datasheet HTML 7Page - Intersil Corporation RLP1N08LE Datasheet HTML 8Page - Intersil Corporation RLP1N08LE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6-436
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RLP1N08LE
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
80
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR
80
V
Electrostatic Voltage at 100pF, 1500
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ESD
2
kV
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
Self Limited
Gate to Source Voltage (Reverse Voltage Gate Bias Not Allowed) . . . . . . . . . . . . . . . . . . . . VGS
5.5
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
30
W
Power Dissipation Derating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.24
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V, Figure 7
80
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, Figure 8
1
-
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = 65V, VGS = 0V
TC = 25
oC-
-
1
µA
TC = 150
oC-
-
50
µA
Gate to Source Leakage Current
IGSS
VGS = 5V, TC = 150
oC-
-
50
µA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 1A, VGS = 5V
Figure 6
TC = 25
oC
-
-
0.750
Ω
TC = 150
oC
-
-
1.5
Ω
Limiting Current
IDS(Lim)
VDS = 15V, VGS = 5V
Figure 3
TC = 25
oC
1.8
-
3
A
TC = 150
oC
1.1
-
1.5
A
Turn-On Time
t(ON)
VDD = 30V, ID = 1A, VGS = 5V, RGS = 25Ω
RL = 30Ω
-
-
6.5
µs
Turn-On Delay Time
td(ON)
-
-
1.5
µs
Rise Time
tr
1-
5
µs
Turn-Off Delay Time
td(OFF)
-
-
7.5
µs
Fall Time
tf
1-
5
µs
Turn-Off Time
t(OFF)
-
-
12.5
µs
Thermal Resistance Junction to Case
RθJC
-
-
4.17
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-220AB
-
-
62
oC/W
Electrostatic Voltage
ESD
Human Model (100pF, 1.5k
Ω)
2000
-
-
V
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 1A
-
-
1.5
V
Reverse Recovery Time
trr
ISD = 1A
-
-
1
ms
NOTES:
2. Pulsed: pulse duration =
≤ 300µs maximum, duty cycle = ≤ 2%.
3. Repititive rating: pulse width limited by maximum junction temperature.
RLP1N08LE



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com