công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFT2P03L bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện RFT2P03L
Giải thích chi tiết về linh kiện  2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFT2P03L bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  RFT2P03L Datasheet HTML 1Page - Intersil Corporation RFT2P03L Datasheet HTML 2Page - Intersil Corporation RFT2P03L Datasheet HTML 3Page - Intersil Corporation RFT2P03L Datasheet HTML 4Page - Intersil Corporation RFT2P03L Datasheet HTML 5Page - Intersil Corporation RFT2P03L Datasheet HTML 6Page - Intersil Corporation RFT2P03L Datasheet HTML 7Page - Intersil Corporation RFT2P03L Datasheet HTML 8Page - Intersil Corporation RFT2P03L Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
7-7-20
Absolute Maximum Ratings
TA = 25
oC, Unless Otherwise Specified
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
-30
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-30
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20V
V
Drain Current
Continuous (Note 2) (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
2.1
Figure 5
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Figures 6, 14, 15
Power Dissipation (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.1
0.009
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
-30
-
-
V
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
-1
-
-3
V
Zero Gate Voltage Drain Current
IDSS
VDS = -30V, VGS = 0V
-
-
-1
µA
VDS = -30V, VGS = 0V, TA = 150
oC
-
-
-50
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance
rDS(ON)
ID = 2.1A, VGS = -10V (Figure 9)
-
0.120
0.150
Ω
ID = 2.1A, VGS = -4.5V (Figure 9)
-
0.300
0.360
Ω
Turn-On Time
tON
VDD = -15V, ID ≅ 2.1A,
RL = 7.1Ω, VGS = −10V,
RGS = 21Ω
-
-
50
ns
Turn-On Delay Time
td(ON)
-13
-
ns
Rise Time
tr
-18
-
ns
Turn-Off Delay Time
td(OFF)
-43
-
ns
Fall Time
tf
-24
-
ns
Turn-Off Time
tOFF
-
-
100
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to -20V
VDD = -15V, ID ≅ 2.1A,
RL = 7.1Ω
Ig(REF) = -1.0mA
(Figure 13)
-27
33
nC
Gate Charge at -10V
Qg(-10)
VGS = 0V to -10V
-
14
17
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to -2V
-
1.3
1.6
nC
Input Capacitance
CISS
VDS = -25V, VGS = 0V,
f = 1MHz
(Figure 12)
-
620
-
pF
Output Capacitance
COSS
-
240
-
pF
Reverse Transfer Capacitance
CRSS
-30
-
pF
Thermal Resistance Junction to Ambient
RθJA
Pad Area = 0.171 in2 (See note 2)
-
-
110
oC/W
Pad Area = 0.068 in2 (See Tech Brief 377)
-
-
128
oC/W
Pad Area = 0.026 in2 (See Tech Brief 377)
-
-
147
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = -2.1A
-
-
-1.25
V
Reverse Recovery Time
trr
ISD = -2.1A, dISD/dt = 100A/µs-
-
49
ns
Reverse Recovered Charge
QRR
ISD = -2.1A, dISD/dt = 100A/µs-
-
45
nC
NOTE:
2. 110oC/W measured using FR-4 board with 0.171 in2 footprint for 1000 seconds.
RFT2P03L



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com