công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC79M05HF bảng dữ liệu(PDF) 9 Page - NEC

tên linh kiện UPC79M05HF
Giải thích chi tiết về linh kiện  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPC79M05HF bảng dữ liệu(HTML) 9 Page - NEC

Back Button UPC79M05HF Datasheet HTML 4Page - NEC UPC79M05HF Datasheet HTML 5Page - NEC UPC79M05HF Datasheet HTML 6Page - NEC UPC79M05HF Datasheet HTML 7Page - NEC UPC79M05HF Datasheet HTML 8Page - NEC UPC79M05HF Datasheet HTML 9Page - NEC UPC79M05HF Datasheet HTML 10Page - NEC UPC79M05HF Datasheet HTML 11Page - NEC UPC79M05HF Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
µPC79M00 Series
9
RECOMMENDED SOLDERING CONDITIONS
When soldering these products, it is highly recommended to observe the conditions as shown below. If other
soldering processes are used, or if the soldering is performed under different conditions, please make sure to consult
with our sales offices.
For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL”
(C10535E).
Type of Through-hole Devices
µPC79M05HF, 79M08HF, 79M12HF, 79M15HF, 79M18HF, 79M24HF: 3-pin plastic SIP (MP-45G)
Process
Conditions
Wave soldering
Solder temperature: 260
°C or below,
(only to leads)
Flow time: 10 seconds or less.
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.
REFERENCE DOCUMENTS
Quality Grades on NEC Semiconductor Devices
C11531E
Semiconductor Device Mounting Technology Manual
C10535E
IC Package Manual
C10943X
Guide to Quality Assurance for Semiconductor Devices
MEI-1202
Semiconductors Selection Guide
X10679E
NEC Semiconductor Device Reliability/Quality Control System
IEI-1212
-Three Terminal Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12