| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC79M00 bảng dữ liệu(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC79M00 bảng dữ liệu(HTML) 2 Page - NEC |
|
2 / 12 page ![]() µPC79M00 Series 2 ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified) Parameter Symbol Rating Unit Input Voltage VIN –35/–40Note 1 V Internal Power Dissipation PT 15Note 2 V Operating Ambient Temperature TA –20 to +85 °C Operating Junction Temperature TJ –20 to +150 °C Storage Temperature Tstg –55 to +150 °C Thermal Resistance (junction to case) Rth(J-C) 7 °C/W Thermal Resistance (junction to ambient) Rth(J-A) 65 °C/W Notes 1. µPC79M05, 08, 12, 15, 18: –35 V, µPC79M24: –40 V 2. Internally limited. When operating junction temperature rise up to 150 °C, the internal circuit shutdown output voltage. Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability; exceed- ing the ratings could cause permanent damage. The parameters apply independently. The device should be operated within the limits specified under DC and AC Characteristics. TYPICAL CONNECTION CIN : More than 2 µF. COUT : More than 1 µF. D1 : Needed for VIN > VO. D2 : Needed for VO > GND. RECOMMENDED OPERATING CONDITIONS Parameter Symbol Part Number MIN. TYP. MAX. Unit Input Voltage VIN µPC79M05 –7 –10 –25 V µPC79M08 –10.5 –14 –25 µPC79M12 –14.5 –19 –30 µPC79M15 –17.5 –23 –30 µPC79M18 –21 –27 –33 µPC79M24 –27 –33 –38 Output Current IO All 5 350 mA Operating Junction Temperature TJ All –20 +125 °C COUT CIN OUTPUT INPUT D1 PC79M00 D2 µ |