| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7341 bảng dữ liệu(PDF) 87 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7341 bảng dữ liệu(HTML) 87 Page - Analog Devices |
|
87 / 108 page ![]() Data Sheet ADV7340/ADV7341 Rev. C | Page 87 of 108 Figure 107. SD Slave Mode 2, PAL Mode 2—Master Option (Subaddress 0x8A = X X X X X 1 0 1) In this mode, the ADV7340/ADV7341 can generate horizontal and vertical sync signals. A coincident low transition of both HSYNC and VSYNC inputs indicates the start of an odd field. A VSYNC low transition when HSYNC is high indicates the start of an even field. The ADV7340/ADV7341 automatically blank all normally blank lines as required by the CCIR-624 standard. HSYNC and VSYNC are output on the S_HSYNC and S_VSYNC pins, respectively. Figure 108. SD Timing Mode 2, Even-to-Odd Field Transition (Master/Slave) Figure 109. SD Timing Mode 2 Odd-to-Even Field Transition (Master/Slave) 622 623 624 625 21 22 23 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD DISPLAY 309 310 311 312 313 314 315 316 317 318 319 334 335 336 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD DISPLAY 320 7 6 5 4 3 2 1 HSYNC VSYNC HSYNC VSYNC Cb Y PIXEL DATA HSYNC VSYNC PAL = 132 × CLOCK/2 NTSC = 122 × CLOCK/2 Y Cr Cb PIXEL DATA HSYNC VSYNC PAL = 132 × CLOCK/2 NTSC = 122 × CLOCK/2 PAL = 864 × CLOCK/2 NTSC = 858 × CLOCK/2 Cb Y Y Cr |