| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F36CAMDFA bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F36CAMDFA bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 100 page ![]() R01DS0034EJ0210 Rev.2.10 Page 13 of 96 Jul 31, 2012 M16C/6C Group 1. Overview Table 1.8 Pin Functions (3/3) Signal Name Pin Name I/O Power Supply Description Multi-master I2C-bus interface SDAMM I/O VCC1 Serial data I/O (N-channel open drain output). SCLMM I/O VCC1 Transmit/receive clock I/O (N-channel open drain output). USB module ATTACH O UVCC Output used for D+ 1.5 k Ω pull-up VbusDTCT I UVCC Input the power supply signal from a host PC UVCC I/O Input power supply for pins ATTACH, D+, and D- D+ I/O UVCC USB D+ input/output D- I/O UVCC USB D- input/output Reference voltage input VREF I VCC1 Reference voltage input for the A/D and D/A converters. A/D converter AN0 to AN7 I VCC1 Analog input. AN0_0 to AN0_7 AN2_0 to AN2_7 I VCC2 ADTRG I VCC1 External trigger input. ANEX0, ANEX1 I VCC1 Extended analog input. D/A converter DA0, DA1 O VCC1 Output for the D/A converter. I/O ports P0_0 to P0_7 P1_0 to P1_7 P2_0 to P2_7 P3_0 to P3_7 P4_0 to P4_7 P5_0 to P5_7 I/O VCC2 8-bit CMOS I/O ports. A direction register determines whether each pin is used as an input port or an output port. A pull-up resistor may be enabled or disabled for input ports in 4-bit units. P6_0 to P6_7 P7_0 to P7_7 P8_0 to P8_7 P9_0 to P9_7 P10_0 to P10_7 I/O VCC1 8-bit I/O ports having equivalent functions to P0. However, P7_0, P7_1, and P8_5 are N-channel open drain output ports. No pull-up resistor is provided. P8_5 is an input port for verifying the NMI pin level and shares a pin with NMI. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |