công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFD14N06LSM bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện RFD14N06LSM
Giải thích chi tiết về linh kiện  14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD14N06LSM bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  RFD14N06LSM Datasheet HTML 1Page - Intersil Corporation RFD14N06LSM Datasheet HTML 2Page - Intersil Corporation RFD14N06LSM Datasheet HTML 3Page - Intersil Corporation RFD14N06LSM Datasheet HTML 4Page - Intersil Corporation RFD14N06LSM Datasheet HTML 5Page - Intersil Corporation RFD14N06LSM Datasheet HTML 6Page - Intersil Corporation RFD14N06LSM Datasheet HTML 7Page - Intersil Corporation RFD14N06LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-1
File Number
4088.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD14N06L, RFD14N06LSM, RFP14N06L
14A, 60V, 0.100 Ohm, Logic Level,
N-Channel Power MOSFETs
These are N-Channel power MOSFETs manufactured using
the MegaFET process. This process, which uses feature
sizes approaching those of LSI integrated circuits, gives
optimum utilization of silicon, resulting in outstanding
performance. They were designed for use in applications
such as switching regulators, switching converters, motor
drivers and relay drivers. This performance is accomplished
through a special gate oxide design which provides full rated
conductance at gate bias in the 3V - 5V range, thereby
facilitating true on-off power control directly from logic level
(5V) integrated circuits.
Formerly developmental type TA09870.
Features
• 14A, 60V
•rDS(ON) = 0.100Ω
• Temperature Compensating PSPICE® Model
• Can be Driven Directly from CMOS, NMOS, and TTL
Circuits
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD14N06L
TO-251AA
14N06L
RFD14N06LSM
TO-252AA
14N06L
RFP14N06L
TO-220AB
FP14N06L
NOTE: When ordering, use the entire part number. Add the suffix 9A, to
obtain the TO-252AA variant in tape and reel, i.e. RFD14N06LSM9A.
D
G
S
JEDEC TO-251AA
JEDEC TO-252AA
JEDEC TO-220AB
SOURCE
DRAIN (FLANGE)
GATE
DRAIN
GATE
SOURCE
DRAIN (FLANGE)
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
Data Sheet
July 1999


Số phần tương tự - RFD14N06LSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
RFD14N06LSM ISC-RFD14N06LSM Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - RFD14N06LSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
119Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N06LESM FAIRCHILD-RFD16N06LESM Datasheet
193Kb / 7P
16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
November 1999
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
June 1999
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
October 1999
RFP45N06LE INTERSIL-RFP45N06LE Datasheet
427Kb / 8P
45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
October 1999
logo
Fairchild Semiconductor
RFD4N06L FAIRCHILD-RFD4N06L Datasheet
351Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L_04 Datasheet
213Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05LSM9A FAIRCHILD-RFD14N05LSM9A Datasheet
214Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com