| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC7073 bảng dữ liệu(PDF) 17 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC7073 bảng dữ liệu(HTML) 17 Page - NEC |
|
17 / 20 page ![]() µPC7073 17 Notes on Handling Devices against Electrostatic Discharge Caution When handling this device, special care against electrostatic discharge (ESD) must be taken. If a strong ESD is applied to this device, the junction parts of the internal transistors may be destroyed. Therefore, when transporting or storing this device, be sure to use the conductive tray or magazine case in the packing provided by NEC, or use a conductive buffer material or metal case. Also be sure to ground the operator's body and any tools that may enter in contact with the device during assembly processes. Never put or leave the device on a plastic board or table, and do not touch the device pins directly by hand. |