công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC667 bảng dữ liệu(PDF) 11 Page - NEC

tên linh kiện UPC667
Giải thích chi tiết về linh kiện  10-BIT D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPC667 bảng dữ liệu(HTML) 11 Page - NEC

Back Button UPC667 Datasheet HTML 4Page - NEC UPC667 Datasheet HTML 5Page - NEC UPC667 Datasheet HTML 6Page - NEC UPC667 Datasheet HTML 7Page - NEC UPC667 Datasheet HTML 8Page - NEC UPC667 Datasheet HTML 9Page - NEC UPC667 Datasheet HTML 10Page - NEC UPC667 Datasheet HTML 11Page - NEC UPC667 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
µPC667
11
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering
processes are used, or if the soldering is performed under different conditions, please make sure to consult with our
sales offices.
For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL”
(IEI-1207).
Through-hole device
µPC667CT: 30-pin plastic Shrink DIP (400 mil)
Process
Conditions
Wave soldering
Solder temperature: 260 ˚C or below,
(only to leads)
Flow time: 10 seconds or less.
Partial heating method
Terminal temperature: 300 ˚C or below,
Heat time: 3 seconds or less (Per each lead).
Caution For through-hole devices, the wave soldering process must be applied only to leads, and make
sure that the package body does not get jet soldered.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12