công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRISM1BRDA bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện PRISM1BRDA
Giải thích chi tiết về linh kiện  OEM Wireless Local Area Network PC Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

PRISM1BRDA bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  PRISM1BRDA Datasheet HTML 1Page - Intersil Corporation PRISM1BRDA Datasheet HTML 2Page - Intersil Corporation PRISM1BRDA Datasheet HTML 3Page - Intersil Corporation PRISM1BRDA Datasheet HTML 4Page - Intersil Corporation PRISM1BRDA Datasheet HTML 5Page - Intersil Corporation PRISM1BRDA Datasheet HTML 6Page - Intersil Corporation PRISM1BRDA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-2
Functional Overview
The WLAN PC Card is designed to operate in the 2.4GHz
ISM frequency band, channels 1 to 11, as specified by the
FCC in the USA and ETSI in Europe (refer to Table 3). The
Card will also operate with reduced performance (due to
filter selection) on channel 14, specified for use in Japan.
Radio Transmitters must be certified in a country prior to
use. Refer to Table 4 for a list of countries and agencies that
have approved the PRISM1BRDA for operation.
The Intersil PRISM Chip Set and AMD PCNet Mobile allows
for high level integration allowing for reduced size, increased
throughput, improved radio performance and faster time to
market. The WLAN PC card implements Direct Sequence
Spread Spectrum DSSS technology providing superior noise
and signal jamming immunity including less severe impact
from unintentional radiators such as microwave ovens. The
user can connect the PC Card in an ad-hoc, peer-to-peer
networking scheme, allowing for instant network setup in any
office environment. By using an access point, the wireless
LAN can be set up to allow for a greater number of users to
interconnect, and to increase the coverage area. With a
portal, the wireless LAN can be easily connected into an
existing wired LAN, allowing for easy expansion of the service.
To learn more about what the IEEE802.11 is, refer to:
• Tech Brief TB337 “A Brief Tutorial on Spread Spectrum
and Packet Radio” [1].
For a more detailed description of radio operation, please
refer to:
• Data sheet “PRISM 2.4GHz Chip Set” [2] and:
• Application Note AN9624 “PRISM1KIT-EVAL DSSS PC
Card Wireless LAN Description” [3].
For more specific software questions, refer to:
• Application Note AN9666 “Wireless LAN Evaluation Kit
SW Installation and Usage” [4].
The MAC Protocol Handler
(AMD® PCNet™ Mobile) (AM79C930)
The PCNetMobile device (AM79C930) and its firmware are
responsible for running the 802.11 protocol in the WLAN
card. This section describes the features of IEEE 802.11 that
are implemented. Further information can be obtained from
the following documents:
1. AMD PCNetMobiIe WLAN Controller, Firmware Overview
(available from AMD)
2. Firmware Interface Specification for IEEE 802.11/D5
(available from AMD)
Contact AMD’s web site:
http://www.amd.com/products/npd/npd.html
select
* Available Literature
or
* PCnet Family Drivers
The functions supported by the STA (station) Firmware are:
• DCF (Distributed Coordination Function)
• CSMA/CA (Carrier Sense Multiple Access with
Collision Avoidance)
• Random Backoff
• RTS/CTS Handshake (Ready To Send/Clear To Send)
and NAV Management (Network Allocation Vector)
• MAC Level Acknowledgments (Media Access Control)
• Re-Transmission of Unacknowledged Frames
• Duplicate Detection and Rejection
• Broadcast and Multicast Frames
• Fragmentation and Re-Assembly
• Power Management (Planned)
• Timestamp Synchronization
• Probe Generation
• Beacon Generation in an Ad-Hoc Network
• Probe Response Generation in an Ad-Hoc Network
Card Information Structure
The standard Intersil WLAN PC Card will be supplied with
the following information embedded in the CIS. It should be
noted that in most systems this information is displayed
when the card is inserted. Customization of the CIS for
specific customer requirements is available upon request, to
enable customer information to be displayed when the card
is inserted.
Network Driver Software
The Intersil OEM WLAN PC Card will be supplied with
NDlS2, NDIS3 and ODI network drivers. These drivers will
be tested with the following network operating systems:
Contact the factory for latest software status or visit our
PRISM web site: http://www.intersil.com
TABLE 1.
FUNCTION NAME
CONTENT
Manufacturer’s ID
00
Function ID
Network Adapter
Product Revision
5
Manufacturer
AMD
Product
AM79C930
PROG
LOT
TABLE 2. SOFTWARE COMPATIBILITY TESTING
MANUFACTURER
TITLE
VERSION
DRIVER
Microsoft
Windows for Work
Groups
3.11
NDlS2
Microsoft
Windows 95
NDlS3
Microsoft
Windows NT
NDlS3
Novel
Netware
ODI
IBM
OS2
ODI
PRISM1BRDA
AMD® is a registered trademark of Advanced Micro Devices, Inc.
PCNet™ is a trademark of Advanced Micro Devices, Inc.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com