công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADT7519 bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện ADT7519
Giải thích chi tiết về linh kiện  SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADT7519 bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button ADT7519_15 Datasheet HTML 17Page - Analog Devices ADT7519_15 Datasheet HTML 18Page - Analog Devices ADT7519_15 Datasheet HTML 19Page - Analog Devices ADT7519_15 Datasheet HTML 20Page - Analog Devices ADT7519_15 Datasheet HTML 21Page - Analog Devices ADT7519_15 Datasheet HTML 22Page - Analog Devices ADT7519_15 Datasheet HTML 23Page - Analog Devices ADT7519_15 Datasheet HTML 24Page - Analog Devices ADT7519_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 21 of 44
DAC Reference Inputs
There is an input reference pin for the DACs. This reference
input is buffered (see Figure 44).
The advantage of the buffered input is the high impedance it
presents to the voltage source driving it. The user can have an
external reference voltage as low as 1 V and as high as VDD. The
restriction of 1 V is due to the footroom of the reference buffer.
The LDAC configuration register controls the option to select
between internal and external voltage references. The default
selection is external reference.
Output Amplifier
The output buffer amplifier can generate output voltages to
within 1 mV of either rail. Its actual range depends on the value
of VREF, gain, and offset error.
If a gain of 1 is selected (Bit 0 to Bit 3 of the DAC configuration
register = 0), the output range is 0.001 V to VREF.
If a gain of 2 is selected (Bit 0 to Bit 3 of the DAC configuration
register = 1), the output range is 0.001 V to 2 VREF. Because
of clamping, however, the maximum output is limited to
VDD − 0.001 V.
The output amplifier can drive a load of 4.7 kΩ to GND or VDD,
in parallel with 200 pF to GND or VDD (see Figure 5). The
source and sink capabilities of the output amplifier can be seen
in the plot of Figure 18.
The slew rate is 0.7 V/μs with a half-scale settling time to
±0.5 LSB (at 8 bits) of 6 μs.
Thermal Voltage Output
The ADT7516/ADT7517/ADT7519 can output voltages that are
proportional to temperature. DAC A output can be configured
to represent the temperature of the internal sensor and the DAC B
output can be configured to represent the external temperature
sensor. Bit C5 and Bit C6 of the Control Configuration 3 register
select the temperature proportional output voltage. Each time a
temperature measurement is taken, the DAC output is updated.
The output resolution for the ADT7519 is 8 bits with 1°C change
corresponding to 1 LSB change. The output resolution for the
ADT7516 and ADT7517 is capable of 10 bits with 0.25°C change
corresponding to 1 LSB change. The default output resolution
for the ADT7516 and ADT7517 is 8 bits. To increase this to
10 bits, set C1 = 1 in the Control Configuration 3 register. The
default output range is 0 V to VREF and this can be increased to
0 V to 2 VREF. Increasing the output voltage span to 2 VREF can
be done by setting D0 = 1 for DAC A (internal temperature
sensor) and D1 = 1 for DAC B (external temperature sensor) in
the DAC configuration register (Address 0x1B).
The output voltage is capable of tracking a maximum tempera-
ture range of −128°C to +127°C, but the default setting is
−40°C to +127°C. If the output voltage range is 0 V to VREF-IN
(VREF-IN = 2.25 V), then this corresponds to 0 V representing
−40°C, and 1.48 V representing +127°C. This, of course, gives
an upper deadband between 1.48 V and VREF.
The internal and external analog temperature offset registers
can be used to vary this upper deadband and, consequently, the
temperature that 0 V corresponds to. Table 6 and Table 7 give
examples of how this is done using a DAC output voltage span
of VREF and 2 VREF, respectively. Simply write in the temperature
value, in twos complement format, at which 0 V is to start. For
example, if using the DAC A output and 0 V to start at −40°C,
program 0xD8 into the internal analog temperature offset
register (Address 0x21). This is an 8-bit register and has a
temperature offset resolution of only 1°C for all device models.
Use Equation 1 to Equation 4 to determine the value to
program into the offset registers.
Table 6. Thermal Voltage Output (0 V to VREF)
O/P Voltage (V)
Default °C
Max °C
Sample °C
0
−40
−128
0
0.5
+17
−71
+56
1
+73
−15
+113
1.12
+87
−1
+127
1.47
+127
+39
UDB1
1.5
UDB1
+42
UDB1
2
UDB1
+99
UDB1
2.25
UDB1
+127
UDB1
1 Upper deadband has been reached. DAC output is not capable of increasing.
See Figure 41.
C1
D+
LOW-PASS
FILTER
fC = 65kHz
BIAS
DIODE
VDD
TO ADC
VOUT+
VOUT–
REMOTE
SENSING
TRANSISTOR
(2N3906)
OPTIONAL CAPACITOR, UP TO
3nF MAX. CAN BE ADDED TO
IMPROVE HIGH FREQUENCY
NOISE REJECTION IN NOISY
ENVIRONMENTS
D–
I
N × I
IBIAS
Figure 45. Signal Conditioning for External Diode Temperature Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com